Part Number Hot Search : 
BTA42 LCA0933 IRFR01 OBH202 MIC74BQS EH8002ZI B41695 ATMEGA
Product Description
Full Text Search
 

To Download SM15T36A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sm15t series www.vishay.com vishay general semiconductor revision: 13-dec-13 1 document number: 88380 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 surface mount t rans z orb ? transient voltage suppressors devices for bi-direction applications for bi-directional devices use ca suffix (e.g. sm15t12ca). electrical characteristics apply in both directions. application notes a 1500 w (smc) device is normally selected when the threat of transients is from lightnin g induced transients, conducted via external leads or i/o lines. it is also used to protect against switching transients induced by large coils or industrial motors. source impe dance at component level in a system is usually high enough to limit th e current within the peak pulse current (i pp ) rating of this series. in an overstress condition, the failure mode is a short circuit. features ? low profile package ? ideal for automated placement ? glass passivated chip junction ? available in uni-direct ional and bi-directional ? 1500 w peak pulse power capability with a 10/1000 s waveform ? excellent clamping capability ? low inductance ? meets msl level 1, per j-st d-020, lf maximum peak of 260 c ? aec-q101 qualified ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 typical applications use in sensitive electronics protection against voltage transients induced by inductive load switching and lighting on ics, mosfet, signal lines of sensor units for consumer, computer, industrial, automo tive, and telecommunication. mechanical data case: do-214ab (smcj) ? molding compound meets ul 94 v-0 flammability rating base p/n-e3 - rohs-compliant and commercial grade base p/nhe3 - rohs-compliant and aec-q101 qualified terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 ? e3 suffix meets jesd 201 cla ss 2 whisker test, he3 suffix meets jesd 201 class 2 whisker test polarity: for uni-directional ty pes the band denotes cathode end, no marking on bi-directional types ? notes (1) non-repetitive current pulse, per fig. 3 and derated above t a = 25 c per fig. 2. (2) mounted on 0.31" x 0.31" (8.0 mm x 8. 0 mm) copper pads to each terminal primary characteristics v wm 5.8 v to 188 v v br uni-directional 6.8 v to 220 v v br bi-directional 6.8 v to 220 v p ppm 1500 w p d 6.5 w i fsm (uni-directional only) 200 a t j max. 150 c polarity uni-directional, bi-directional package do-214ab (smcj) do-214ab (smcj) maximum ratings (t a = 25 c unless otherwise noted) parameter symbol value unit peak power dissipation wi th a 10/1000 s waveform (1)(2) (fig. 1) p ppm 1500 w peak pulse current with a 10/1000 s waveform (1) (fig. 3) i ppm see next table a power dissipation on in finite heatsink at t a = 50 c p d 6.5 w peak forward surge current 10 ms single half sine-wave uni -directional only (2) i fsm 200 a operating junction and storage temperature range t j , t stg -65 to +150 c
sm15t series www.vishay.com vishay general semiconductor revision: 13-dec-13 2 document number: 88380 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) for bi-directional devices add suffix ?ca? instead of ?a? (2) v br measured after i t applied for 300 s square wave pulse (3) for bi-polar devices with v r = 10 v or under, the i t limit is doubled note (1) mounted on minimum recommended pad layout note (1) aec-q101 qualified electrical characteristics (t a = 25 c unless otherwise noted) type (1) device marking code breakdown voltage v br at i t (2) (v) test current i t (ma) stand-off voltage v wm (v) leakage current i rm at v r i d (3) (a) clamping voltage v c at i ppm (10/1000 s) clamping voltage v c at i ppm (8/20 s) ? t max. 10 -4 /c uni bi min. max. (v) (a) (v) (a) sm15t6v8a gde7 gde7 6.45 7.14 10 5.80 1000 10.5 143 13.4 746 5.7 sm15t7v5a gdk7 bdk7 7.13 7.88 10 6.40 500 11.3 132 14.5 690 6.1 sm15t10a gdt7 bdt7 9.50 10.5 1.0 8.55 10 14.5 103 18.6 538 7.3 sm15t12a gdx7 bdx7 11.4 12.6 1.0 10.2 5.0 16.7 90.0 21.7 461 7.8 sm15t15a geg7 geg7 14.3 15.8 1.0 12.8 1.0 21.2 71.0 27.2 368 8.4 sm15t18a gem7 bem7 17.1 18.9 1.0 15.3 1.0 25.2 59.5 32.5 308 8.8 sm15t22a get7 bet7 20.9 23.1 1.0 18.8 1.0 30.6 49.0 39.3 254 9.2 sm15t24a gev7 gev7 22.8 25.2 1.0 20.5 1.0 33.2 45.0 42.8 234 9.4 sm15t27a gex7 bex7 25.7 28.4 1.0 23.1 1.0 37.5 40.0 48.3 207 9.6 sm15t30a gfe7 bfe7 28.5 31.5 1.0 25.6 1.0 41.5 36.0 53.5 187 9.7 sm15t33a gfg7 gfg7 31.4 34.7 1.0 28.2 1.0 45.7 33.0 59.0 169 9.8 SM15T36A gfk7 bfk7 34.2 37.8 1.0 30.8 1.0 49.9 30.0 64.3 156 9.9 sm15t39a gfm7 bfm7 37.1 41.0 1.0 33.3 1.0 53.9 28.0 69.7 143 10.0 sm15t68a ggg7 ggg7 64.6 71.4 1.0 58.1 1.0 92.0 16.3 121 83 10.4 sm15t100a ggv7 ggv7 95.0 105 1.0 85.5 1.0 137 11.0 178 56 10.6 sm15t150a ghk7 ghk7 143 158 1.0 128 1.0 207 7.20 265 38 10.8 sm15t200a ghr7 ghr7 190 210 1.0 171 1.0 274 5.50 353 28 10.8 sm15t220a ghr8 ghr8 209 231 1.0 188 1.0 328 4.60 388 26 10.8 thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol value unit typical thermal resistance, junction to ambient air (1) r ? ja 75 c/ w typical thermal resistance, junction to lead r ? jl 15 ordering information (example) preferred p/n unit weight (g ) preferred package code ba se quantity delivery mode sm15t10a-e3/57t 0.211 57t 850 7" di ameter plastic tape and reel sm15t10a-e3/9at 0.211 9at 3500 13" diameter plastic tape and reel sm15t10ahe3/57t (1) 0.211 57t 850 7" diameter plastic tape and reel sm15t10ahe3/9at (1) 0.211 9at 3500 13" diameter plastic tape and reel
sm15t series www.vishay.com vishay general semiconductor revision: 13-dec-13 3 document number: 88380 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ratings and characteristics curves (t a = 25 c unless otherwise noted) fig. 1 - peak pulse power rating curve fig. 2 - pulse power or current vs. initial junction temperature fig. 3 - pulse waveform fig. 4 - typical junction capacitance uni-directional fig. 5 - typical transient thermal impedance fig. 6 - maximum non-repetitive forward surge current uni-directional use only 0.1 1 10 100 p ppm - peak p u lse po w er (k w ) t d - p u lse w idth (s) 0.31 x 0.31" (8.0 x 8.0 mm) copper pad areas 0.1 s 1.0 s 10 s 100 s 1.0 ms 10 ms 0 25 50 75 100 100 75 50 25 0 125 150 175 200 t j - initial temperat u re (c) peak p u lse po w er (p pp ) or c u rrent (i pp ) derating in percentage, % 0 50 100 150 t r = 10 s peak v al u e i ppm half v al u e - i ppm i pp 2 t d 10/1000 s w a v eform as defined b y r.e.a. 0 1.0 2.0 3.0 4.0 t - time (ms) i ppm - peak p u lse c u rrent, % i rsm t j = 25 c p u lse w idth (t d ) is defined as the point w here the peak c u rrent decays to 50 % of i ppm 10 100 1000 10 000 20 000 10 1 100 400 uni-directional bi-directional t j = 25 c f = 1.0 mhz v sig = 50 m v p-p meas u red at zero bias v r , meas u red at stand-off v oltage, v w m c j - j u nction capacitance (pf) v w m - re v erse stand-off v oltage ( v ) 0.1 1.0 10 100 0.001 0.01 0.1 10 1 100 1000 t - p u lse d u ration ( s ) transient thermal impedance (c/ w ) 1 10 100 10 100 200 t j = t j max. 8.3 ms single half sine- w a v e nu m b er of cycles at 60 hz peak for w ard s u rge c u rrent (a)
sm15t series www.vishay.com vishay general semiconductor revision: 13-dec-13 4 document number: 88380 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package outline dimensions in inches (millimeters) 0.260 (6.60) 0.280 (7.11) 0.006 (0.152) 0.012 (0.305) 0.030 (0.76) 0.060 (1.52) 0.008 (0.2) 0.305 (7.75) 0.320 (8.13) 0.220 (5.59) 0.246 (6.22) 0.079 (2.06) 0.103 (2.62) 0.114 (2.90) 0.126 (3.20) cathode band do-214ab (smcj) 0.320 ref. mounting pad layout 0 (0) 0.185 (4.69) max. 0.126 (3.20) mi n . 0.060 (1.52) mi n .
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of SM15T36A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X